PART |
Description |
Maker |
PS710EL-1A-E3-A PS710EL-1A-E4-A PS710E-1A-A PS710E |
6-PIN DIP, 0.08 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
NEC
|
PS7160L-2A-E4-A PS7160L-2A-E3 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
|
Renesas Electronics Corporation
|
PS7142-2A PS7142L-2A |
8 PIN DIP SOLID STATE RELAY
|
NEC Corp. California Eastern Labs
|
P87LPC762 P87LPC762BD P87LPC762BDH P87LPC762BN P87 |
Low power low price low pin count 20 pin microcontroller with 2 kbyte OTP IC,MICROCONTROLLER,8-BIT,8051 CPU,CMOS,DIP,20PIN,PLASTIC Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
|
PHILIPS[Philips Semiconductors]
|
H54RA-80.00M H53RA-80.00M H52RA-80.00M H51RA-80.00 |
3.3V 8 PIN DIP TRI-STATE CLOCK OSCILLATOR
|
Connor-Winfield Corporation
|
S53RG5 |
5.0V 8 PIN DIP TRI-STATE CLOCK OSCILLATOR
|
Connor-Winfield Corporation
|
H52RL-8M H51RL-8M H53RL-8M |
5.0V 8 PIN DIP TRI-STATE CLOCK OSCILLATOR
|
Connor-Winfield Corporation
|
PS7360 PS7360L-1A PS7360-1A |
HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY
|
NEC[NEC]
|
PS7214-1A-F4 PS7214-1A-F3 PS7214-1A-E4 PS7214-1A-E |
4 PIN SOP, 1.0 з LOW ON-STATE RESISTANCE 1-CH OPTICAL COUPLED MOSFET 4引脚SOP.0з低导通状态电通道光学耦合MOSFET 4 PIN SOP, 1.0 з LOW ON-STATE RESISTANCE 1-CH OPTICAL COUPLED MOSFET 4引脚SOP1.0з低导通状态电1通道光学耦合MOSFET 4 PIN SOP / 1.0 LOW ON-STATE RESISTANCE 1-CH OPTICAL COUPLED MOSFET 4 PIN SOP 1.0 LOW ON-STATE RESISTANCE 1-CH OPTICAL COUPLED MOSFET 4 PIN SOP, 1.0 ?LOW ON-STATE RESISTANCE 1-CH OPTICAL COUPLED MOSFET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PVR2300 PVR3301 PVR3300 PVR33 |
Microelectronic Power IC 300V 2 Form A Photo Voltaic Relay in a 16-pin DIP Package 200V 2 Form A Photo Voltaic Relay in a 16-pin DIP Package TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
IRF[International Rectifier]
|
PS7122A-2A PS7122A-1A PS7122AL-1A PS7122AL-1A-E4 P |
OCMOS FET High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead SOIC Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead SOIC 1200V Half Bridge Driver IC for Power Switching Applications in a 24 Lead SSOP package; A IR2214 packaged in a Lead-Free 24 Lead SSOP FET-OUTPUT OPTOCOUPLER Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a Lead-Free 16-Lead SOIC shipped on Tape and Reel Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead PDIP OCMOS场效应管 Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器
|
NEC, Corp.
|